PART |
Description |
Maker |
FX335L FX335 |
CONSUMER MICROCIRCUITS LTD
|
CMLMICRO[CML Microcircuits]
|
K500XXXXX |
(K500 Series) Superhigh Speed Integrated Microcircuits
|
V/O Electronorgtechnica
|
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MC1494 MC1494P MC1494_D ON0949 |
From old datasheet system LINEAR FOUR-UADRANT LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
|
ONSEMI[ON Semiconductor]
|
LA6588M |
Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
|
Sanyo Semicon Device
|
A4405 |
The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.
|
Allegro MicroSystems
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
IL300-F-X006 IL300-EF-X016 |
Optocoupler DC-IN 1-CH Linear Photovoltaic DC-OUT 8-Pin PDIP-8A Linear Optocoupler, High Gain Stability, Wide Bandwidth
|
Vishay Semiconductors Vishay Siliconix
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
ISL6523 ISL6523CB |
PWM Controller and Dual Linear Reg, VRM8.5, 5-Bit DAC, Core % Reg, PWM2 % Reg, Linear % VRM8.5 Dual PWM and Dual Linear Power System Controller
|
INTERSIL[Intersil Corporation]
|
TCD1304AP |
CCD LINEAR IMAGE SENSOR The TCD1252AP is a high sensitive and low dark current 3648 - elements linear image sensor.
|
TOSHIBA
|
AP163-317 |
AP163-317:3.3 V. 802.11b/g Linear Power Amplifier|Power Amplifiers for WLAN 3.3 V, 802.11b/g Linear Power Amplifier 802.11 b/g Linear Power Amplifer
|
Skyworks Solutions Inc.
|